data sheet lx636d7y, lx546t7y, lx636t6y mediavista tm high brightness led lamps t-1? (5mm) oval red, green, blue and amber description: cao mediavista tm high brightness led lamps are specially designed for outdoor signal and sign applications. its precise optical design produces a high bright light source and well defined spatial radiation patterns. the lens was m ade with an advanced optical grade epoxy to produce superior high temperature and high moisture resistant performance in outdoor environments. it also contains uv inhibitor s to reduce the effects of long term exposure to direct sunlight. these led lamps use a standard t 1? (5 mm) oval package and options of lens color can be water clea r, color diffused, tinted and transparent. the chips of thes e leds are applied to the most up-to-date material technol ogy to produce the most efficient light output and highest junction temperature limit, which enable it to operate under bright sunlight and other high temperature environment. features: standard t-1? package precise optical performance lens options: - color diffused - tinted and transparent - water clear superior performance in outdoor environment - uv resistant epoxy - superior resistance to moisture outstanding led material efficiency - high luminous output - low electrical power consumption choice of standoffs : with or without view angles: 70 o /40 o or 70 o /30 o parallel colors: - red 625 nm - green 525 nm - blue 470 nm - amber 592 nm choice of packaging options: - bulk - ammo pack - tape and reel applications: outdoor message boards dynamic message signs commercial message centers caution: led lamps are esd sensitive electronic devices. pl ease observe appropriate precautions during handlin g and processing. refer to cao application notes for additional details.
2 device selection guide intensity range at 20 ma (mcd) part number typical view angle 2 ? color and dominant wavelength min. max. stand-off lens package drawing lr636d7y-bdklt5t6b0 70 o /40 o red 625 nm 1300 2200 yes diffused a lg636d7y-gmmng6g7bc 70 o /40 o green 525 nm 2200 3600 yes diffused a LB636D7Y-gmgjb2b3bc 70 o /40 o blue 470 nm 580 1300 yes diffused a lr546t7y-bdlnt5t6b0 70 o /30 o red 625 nm 1700 3600 no tinted b ly546t7y-bdmpy4y8b0 70 o /30 o amber 592 nm 2200 4700 no tinted b ly546t7y-bdnqy4y8b0 70 o /30 o amber 592 nm 2800 6100 no tinted b lg636t6y-gmnpg6g7bc 65 o /35 o green 525 nm 2800 4700 no tinted c notes: 1. tolerance of intensity limits is 15%. 2. tolerance of typical view angle 2 1/2 is 5 o , measured at iv( 1/2 )=50%iv(0). part numbering system l r 6 3 6 d 7 y - b d k l t 5 t 6 b 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 special requir ement s 0: no special requirements c: copper alloy lead frame mechanical options a: ammo pack b: bulk t: tape and reel maximum color bin minimum color bin maximum intensity bin m inimum intensity bin maximum forward vol tage bin m inimum forward voltage bin series code typical view angle 7: 70o/40o or 70o/30o 6: 65o/35o lens and standoff options d: color diffused, with standoff t: tinted and transparent, without standoff led package type 636/546: 5 mm oval emitting color r: red 625 nm g: green 525 nm b: blue 470 nm y: amber 592 nm
3 package dimensions a anode 25.4 min cathode 7.75 0.5*0.5 2.54 0.5 1.5 1.2 max 1.5 0.1 4.6 5.2 11.3 0.5 b 25.4 min 1.5 0.5 7.0 2.54 max 1.5 3.8 5.2 0.5*0.5 cathode anode c 2.54 0.5*0.5 1.5 0.5 cathode max 1.5 4.6 7.75 25.4 min anode 5.2 notes : 1. all dimensions are in millimeters. 2. tolerance is 0.2mm unless otherwise noted. 3. leads are mild steel or copper alloy, solder dip ped. 4. tapers shown at top of leads (bottom of lamp pac kage) indicate an epoxy meniscus that may extend ab out 1.5 mm down the lead. absolute maximum rating at t a = 25 o c parameters red and amber blue and green power dissipation 80 mw 100 mw forward current 30 ma 30 ma pulse forward current [1] 100 ma 100 ma reverse voltage 8 v 5 v operating temperature range -40 o c to +100 o c -30 o c to +85 o c storage temperature range -40 o c to +100 o c -40 o c to +100 o c lead soldering temperature [2] 260 o c for 5 seconds 260 o c for 5 seconds notes: 1. pulse forward current condition: 1/10 duty cycle , 0.1ms pulse width. 2. soldering condition: 3 mm below body.
4 electrical / optical characteristics t a = 25 o c parameter symbol min. typ. max. units test conditio n forward voltage red and amber 1.8 2.2 2.4 v i f =20 ma blue and green v f 2.8 3.4 4.0 reverse current red and amber i r 2 m a v r =5 v blue and green 50 dominant wavelength [1] red 620 625 630 green l d 520 525 535 nm i f =20 ma blue 465 470 475 amber 586 592 596 view angle lx636d7y 2 1/2 [2] 70/40 deg. i f =20 ma lx546t7y 70/30 lx636t6y 65/35 luminous intensity lr636d7y 1300 1500 2200 lg636d7y 2200 2900 3600 LB636D7Y i v 580 800 1300 mcd i f =20 ma lr546t7y 1700 2500 3600 ly546t7y 2200 4000 6100 lg636t6y 2800 3800 4700 notes: 1. the dominant wavelength l d is derived from the cie chromaticity diagram and represents the single wavelength which defines the color of the device. 2. 1/2 is the off-axis angle at which luminous intensity is half of the axial luminous intensity, i.e. iv( 1/2 )=iv(0). 3. tolerance of typical view angle 2 1/2 is 5 o . typical electrical / optical characteristic curves t a = 25 o c iv(%) -30 -60 -90 0 0% 20% 40% 80% 60% 100% 30 90 60 y x figure 1-a: spatial radiation pattern - 70 o /40 o figure 1-b: spatial radiation pattern - 70 o /30 o figure 1-c: spatial radiation pattern - 65 o /35 o 20% -90 60 90 30 0% -60 40% 60% 80% -30 0 iv( %) 1 00% x
5 figure 2-a: forward current vs. forward voltage ? r ed and amber figure 2-b: forward current vs. forwar d voltage ? blue and green figure 3-a: relative intensity vs. forward current ? red and amber figure 3-b: relative intensity vs. forward current ? blue and green figure 4-a: reverse voltage vs. reverse current ? r ed and amber figure 4-b: reverse voltage vs. revers e current ? blue and green figure 5-a: maximum allowable forward current vs. a mbient temperature ? red and amber figure 5-b: maximum allowable forward current vs. a mbient temperature ? blue and green
6 color bin limits forward voltage bin limits (v) red color range (nm) blue color range (nm) bin code min. max. bin code min. max. bin code min. max. a 1.6 1.8 t4 615.0 620.0 b1 460.0 465.0 b 1.8 2.0 t5 620.0 625.0 b2 465.0 470.0 c 2.0 2.2 t6 625.0 630.0 b3 470.0 475.0 d 2.2 2.4 t7 630.0 635.0 b4 475.0 480.0 e 2.4 2.6 t8 635.0 640.0 tolerance for each bin limit is 0.5 nm. f 2.6 2.8 tolerance for each bin limit is 0.5 nm. g 2.8 3.0 intensity bin limits (mcd) h 3.0 3.2 amber color range (nm) bin code min. max. j 3.2 3.4 bin code min. max. f 450 580 k 3.4 3.6 y3 584.0 586.0 g 580 750 l 3.6 3.8 y4 586.0 588.0 h 750 980 m 3.8 4.0 y5 588.0 590.0 j 980 1300 tolerance for each bin limit is 0.1 v. y6 590.0 592.0 k 1300 1700 y7 592.0 594.0 l 1700 2200 y8 594.0 596.0 m 2200 2800 tolerance for each bin limit is 0.5 nm. n 2800 3600 p 3600 4700 green color range (nm) r 4700 6100 bin code min. max. s 6100 8000 g6 520.0 525.0 g7 525.0 530.0 g8 530.0 535.0 tolerance for each bin limit is 0.5 nm. tolerance for each intensity bin limit is 5%. notes: 1. all bin categories are established for classific ation of products. for availability of specific bin categories, please contact your cao sales represen tatives for further information. www.caogroup.com for product information and a complete list of sale s representatives, please go to our website. for technical assistance call: us/canada: +1 (877) 877-9778 or (801) 256-9282 data subject to change. copyright reserved by cao group, inc. no part of th is datasheet may be reproduced by in any form witho ut the permission from the publisher. july 27, 2007 sal-lmp002 rev. 1
|